PART |
Description |
Maker |
MAX4470 MAX4470EUK-T MAX4470EXK-T MAX4471 MAX4471E |
Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps OP-AMP, 15000 uV OFFSET-MAX, 0.009 MHz BAND WIDTH, PDSO5 Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps 四路1.8V/750nA、SC70封装、满摆幅运算放大 Single/Dual/Quad / !.8V/750nA / SC70 / Rail-to-Rail Op Amps "Single, 1.8V/750nA, SC70, Rail-to-Rail Op Amps" Single/Dual/Quad !.8V/750nA SC70 Rail-to-Rail Op Amps Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
36-00036-D1 36-00036 |
INDUCTOR TOROID 1MH 4A 1.68 DUA X .65 WIDE 电感环型1MHA 1.68杜亚X 0.65
|
Vicor, Corp. VICOR[Vicor Corporation]
|
29F200 M295V200BB45M1T M295V200BB45N1T M29F200BB45 |
2 Mbit 256Kb x8 or 128Kb x16 / Boot Block Single Supply Flash Memory Single SVS For 3.0V Systems W/Programmable Time Delay 8-SOIC -40 to 85 Single SVS For 3.0V Systems W/Programmable Time Delay 8-PDIP -40 to 85 Single Schmitt-Trigger Inverter 5-SC70 -40 to 85 2兆位56Kb x828KB的x16插槽,启动座单电源闪 2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory 2兆位56Kb x828KB的x16插槽,启动座单电源闪 Single Bus Buffer Gate With 3-State Output 5-SC70 -40 to 85 2兆位56Kb x828KB的x16插槽,启动座单电源闪
|
意法半导 STMicroelectronics N.V.
|
MCP4019T-502E_LT MCP4019 MCP4017T-502E_LT MCP4017- |
7-Bit Single I2C Digital POT with Volatile Memory in SC70 7-Bit Single I2C垄芒 Digital POT with Volatile Memory in SC70
|
Microchip Technology
|
MAX9010 MAX9010EXT-T MAX9011 MAX9011EUT-T MAX9012 |
SC70 5ns Low-Power Single-Supply Precision TTL Comparators "SC70, 5ns, Low-Power, Single-Supply, Single-Precision TTL Comparator" "SOT23, 5ns, Low-Power, Single-Supply, Single-Precision TTL Comparator" "μM AX, 5ns, Low- Power, Dual- Supply, Single- Precision TTL Comparator" SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators SC70 / 5ns / Low-Power / Single-Supply / Precision TTL Comparators
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
STEVAL-CCA022V1 |
Demonstration board for single op-amps in SC70 or SOT-23 packages
|
ST Microelectronics STMicroelectronics
|
MAX9620AXK MAX9619AXT MAX961710 MAX9617AXT MAX9618 |
Single/Dual SC70, Zero-Drift, High-Efficiency, 1.5MHz Op Amps with RRIO
|
Maxim Integrated Products
|
2SA1787E 2SC4650D 2SC4490C 2SC4490F 2SC4650F 2SA16 |
TRANSISTOR | BJT | PNP | 200V V(BR)CEO | 100MA I(C) | SC-71 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 100MA I(C) | SC-71 TRANSISTOR | BJT | PNP | 300V V(BR)CEO | 50MA I(C) | TO-92 晶体管|晶体管|叩| 300V五(巴西)总裁| 100mA的一(c)|律师- 71 晶体管|晶体管|叩| 60V的五(巴西)总裁| 50mA的一c)|36 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 180V五(巴西)总裁| 50mA的一(c)|92 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管| npn型| 200伏五(巴西)总裁| 100mA的一(c)|2VAR
|
Rohm Co., Ltd. Lattice Semiconductor, Corp. Sanyo Electric Co., Ltd.
|
2SC3583 2SC3583R 2SC3583S 2SC3583R35 2SC3583R34 2S |
For amplify microwave and low noise. MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体 BJT 双极型晶体管
|
NEC Corp. NEC, Corp.
|
2SC3138Y |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管| npn型| 200伏五(巴西)总裁| 50mA的一(c)|律师- 59
|
Intersil, Corp.
|
LTC2630-12 LTC2630 LTC2630-HM10 LTC2630-HM12 LTC26 |
Single 12-Bit Rail-to-Rail DACs with Integrated Reference in SC70 Single 12-/10-/8-Bit Rail-to-Rail DACs with Integrated Reference in SC70
|
Linear Technology Corporation LINER[Linear Technology]
|
MAX6390XS31D4-T MAX6381XS39D6-T MAX6382XS39D6-T MA |
SC70, Single/Dual Low-Voltage, Low-Power レP Reset Circuits SC70, Single/Dual Low-Voltage, Low-Power P Reset Circuits
|
Maxim Integrated Products
|